Part Number Hot Search : 
B320A 00EL1 TAC97 FP6191PM HC373A 00506 TSOP1836 AN4111
Product Description
Full Text Search
 

To Download TO-12850 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICE Components, Inc. 1165 Allgood Road Suite 20 Marietta, GA 30062
Voice: (800) 729-2099 Email: cust.serv@icecomp.com
Fax: (678) 560-9304 Web: www.icecomponents.com
SMPS Xfmr
TO Series
Designed in conjunction with ON-Semi, the TO Series of transformers work with the ON Semiconductor NCP1207 PWM current-mode controller with quasiresonant (QR) switching capability. Standard designs for 5V and 12V single outputs in power levels ranging from 25W to 85W will get your prototypes up and running fast. Just contact ICE Components to request samples or to discuss a custom version to meet your specific requirement.
Electrical Specifications
Part Number TO-05300 TO-05400 TO-05500 TO-05650 TO-05800 TO-12300 TO-12400 TO-12600 TO-12850
ELECTRICAL
SPECIFICATIONS--STANDARD
SERIES
Output Power Range (W) 25-30 31-40 41-50 51-65 66-80 25-30 31-40 41-60 61-85
Vout (VDC) 5.0 5.0 5.0 5.0 5.0 12.0 12.0 12.0 12.0
Iout
max
LPRI (H) 471.4 351.8 289.7 224.9 182.9 384.4 288.4 194.4 139.5
IPK (A) 1.80 2.46 3.09 3.89 4.81 1.93 2.63 3.97 5.55
Input Bulk Cap (F) 68 82 120 150 180 68 82 120 180
Core Type EFD30 ER28 ER28 PQ32/20 ERL28 EF25 EFD30 ER28 ERL28
(A) 6.0 8.0 10.0 13.0 16.0 2.5 3.33 5.0 7.1
1. 2. 3. 4.
Measured at 100 kHz, 1 Vrms. Electrical specifications at 25C. Meets UL 94V-0. Operating temperature range: -40C to +130C. Operating temperature is the sum of ambient temperature plus temperature rise. 5. Transformer inductance values calculated using ON Semi-conductor's "QR Inductance Calculation" spreadsheet, available at http://www.onsemi.com/pub/collateral/QR IND CALC.xls. Certain design assumptions were necessary to develop core and bobbin choices: A. Input bulk capacitor sized at 2 uF/W, rounded up to the first commercially available value. B. Universal input voltage, with 265 VAC as the upper limit. The lower limit input voltage was adjusted to cause the input bulk capacitor value to be a commercially available value.
Maximum switching frequency: 100 kHz. Maximum duty cycle: <50%. Efficiency set at 87%. Output diode drop set at 0.4 V. Turns ratios are as follows: 1. 5V: 1:0.08 2. 12V: 1:0.20 H. Estimated total drain capacitance set at 100 pF. I. BMAX set at 0.250 T. J. Wire sized for <40C temperature rise at low input line voltage and full output load at 25C. 6. Constructed using UL Class B insulation system. 7. Hi-Pot Test: 3750 VAC primary to secondary, and 2500 VAC windings to core.
C. D. E. F. G.
Specifications subject to change without notice.
(10/06) TO-1
SMPS Xfmr
*
Mechanical - EFD30

TO Series
Packaging: Tray=24 pieces, Box=12 trays, Box=288 pieces
Foot Print








*
units: mm
Mechanical - ER28

Packaging: Tray=66 pieces, Box=5 trays, Box=330 pieces
Foot Print






*



units: mm
Mechanical - PQ32/20
Packaging: Tray=40 pieces, Box=4 trays, Box=160 pieces

Foot Print









*
units: mm
Mechanical - ERL28


Packaging: Tray=48 pieces, Box=5 trays, Box=240 pieces
Foot Print







*
units: mm
Mechanical - EF25
Packaging: Tray=77 pieces, Box=5 trays, Box=385 pieces

Foot Print




Specifications subject to change without notice.



units: mm
(10/06) TO-2


▲Up To Search▲   

 
Price & Availability of TO-12850

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X